PART |
Description |
Maker |
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
1N5811 1N5811US 1N5807-1 JANTX1N5811 JAN1N5809 1N5 |
Low Power, Two-Port, Hi-Speed USB2.0 (480Mbps) Switch; ; No of Pins: 10; Container: Tape & Reel ULTRA FAST RECTIFIERS UltraFastRectifiers
UltraFastRectifier(lessthan100ns)
ULTRA FAST RECTIFIERS
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
COM5201T COM5234T COM5216T COM5203T COM5217T COM52 |
300V high efficiency, center-tap rectifier 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 100V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 16 Amp, 50 Volts, High Efficency, Center-Tap Rectifier(16 Amp, 50 V,楂??涓???藉ご寮??娴??) 16 Amp, 150 Volts, High Efficency, Center-Tap Rectifier(16 Amp, 150 V,高效中心抽头式整流器) 16安培50伏特,高效率,中心抽头整流器6安培50伏,高效中心抽头式整流器 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 16 Amp, 300 Volts, High Efficency, Center-Tap Rectifier(16 Amp, 300 V,楂??涓???藉ご寮??娴??) 150V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package
|
Omnirel International Rectifier, Corp.
|
UFS1200 |
Ultra Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE拢潞1200V CURRENT拢潞 1.0A SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?200V CURRENT 1.0A
|
Gulf Semiconductor
|
MB810 MB81 MB82 MB86 MB84 MB88 MB805 |
8.0A, 1000V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
MCC Micro Commercial Components
|
1N4454 1N4454T50R 1N4454TR |
High Conductance Ultra Fast Diode 0.2 A, SILICON, SIGNAL DIODE, DO-35 High Conductance Ultra Fast Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 0.2 A, SILICON, SIGNAL DIODE, DO-35
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
GU2A GU2B GU2D GU2G GU2J GU2K GU2M |
Ultra Fast Recovery Pack: SMB SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?0 TO 1000V CURRENT?.0A
|
Gulf Semiconductor
|
RU1DGF |
Ultra Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
|
Gulf Semiconductor
|
CMR1U-02M CMR1U-04M CMR1U-06M CMR1U-10M |
SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER 1.0 AMP/ 100 THRU 1000 VOLTS SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER 1.0 AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
UFRG30120 |
30 amp ultra fast rectifiers
|
MICROSEMI[Microsemi Corporation]
|